Part Number Hot Search : 
MM1245CD RB715S3 DS1318 11EFS2 KTC4527F F10020 LTPBY 2SC5148
Product Description
Full Text Search
 

To Download 74ALVC16244MTDX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ALVC16244 Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
October 2001 Revised May 2005
74ALVC16244 Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
General Description
The ALVC16244 contains sixteen non-inverting buffers with 3-STATE outputs to be employed as a memory and address driver, clock driver, or bus oriented transmitter/ receiver. The device is nibble (4-bit) controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation. The 74ALVC16244 is designed for low voltage (1.65V to 3.6V) VCC applications with I/O capability up to 3.6V. The 74ALVC16244 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.
Features
s 1.65V-3.6V VCC supply operation s 3.6V tolerant inputs and outputs s tPD
3.0 ns max for 3.0V to 3.6V VCC 3.5 ns max for 2.3V to 2.7V VCC 6.0 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs s Supports live insertion and withdrawal (Note 1) s Uses patented noise/EMI reduction circuitry s Latch-up conforms to JEDEC JED98 s ESD performance:
Human body model ! 2000V Machine model ! 200V
s Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA)
Note 1: To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Order Number 74ALVC16244GX (Note 2) 74ALVC16244MTD (Note 3) Package Number BGA54A MTD48 Package Description 54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide [Tape and Reel] 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Note 2: BGA package available in Tape and Reel only. Note 3: Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
(c) 2005 Fairchild Semiconductor Corporation
DS500677
www.fairchildsemi.com
74ALVC16244
Connection Diagrams
Pin Assignment for TSSOP
Pin Descriptions
Pin Names OEn I0-I15 O0-O15 NC Description Output Enable Input (Active LOW) Inputs Outputs No Connect
FBGA Pin Assignments
1 A B C D E F G H J O0 O2 O4 O6 O8 O10 O12 O14 O15 2 NC O1 O3 O5 O7 O9 O11 O13 NC 3 OE1 NC VCC GND GND GND VCC NC OE4 4 OE2 NC VCC GND GND GND VCC NC OE3 5 NC I1 I3 I5 I7 I9 I11 I13 NC 6 I0 I2 I4 I6 I8 I10 I12 I14 I15
Truth Tables
Inputs OE1 L Pin Assignment for FBGA L H Inputs OE3 L L H Inputs OE2 (Top Thru View) L L H Inputs OE4 L L H I12-I15 L H X I4-I7 L H X I8-I11 L H X I0-I3 L H X Outputs O0-O3 L H Z Outputs O8-O11 L H Z Outputs O4-O7 L H Z Outputs O12-O15 L H Z
H HIGH Voltage Level L LOW Voltage Level X Immaterial (HIGH or LOW, inputs may not float) Z High Impedance
www.fairchildsemi.com
2
74ALVC16244
Functional Description
The 74ALVC16244 contains sixteen non-inverting buffers with 3-STATE outputs. The device is nibble (4 bits) controlled with each nibble functioning identically, but independent of each other. The control pins may be shorted together to obtain full 16-bit operation.The 3-STATE outputs are controlled by an Output Enable (OEn) input. When OEn is LOW, the outputs are in the 2-state mode. When OEn is HIGH, the standard outputs are in the high impedance mode but this does not interfere with entering new data into the inputs.
Logic Diagram
3
www.fairchildsemi.com
74ALVC16244
Absolute Maximum Ratings(Note 4)
Supply Voltage (VCC) DC Input Voltage (VI) Output Voltage (VO) (Note 5) DC Input Diode Current (IIK) VI 0V DC Output Diode Current (IOK) VO 0V DC Output Source/Sink Current (IOH/IOL) DC VCC or GND Current per Supply Pin (I CC or GND) Storage Temperature Range (TSTG)
0.5V to 4.6V 0.5V to 4.6V 0.5V to VCC 0.5V 50 mA 50 mA r50 mA r100 mA 65qC to 150qC
Recommended Operating Conditions (Note 6)
Power Supply Operating Input Voltage (VI) Output Voltage (VO) Free Air Operating Temperature (TA) Minimum Input Edge Rate ('t/'V) VIN 0.8V to 2.0V, VCC 3.0V 10 ns/V
Note 4: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 5: IO Absolute Maximum Rating must be observed, limited to 4.6V. Note 6: Floating or unused control inputs must be held HIGH or LOW.
1.65V to 3.6V 0V to VCC 0V to VCC
40qC to 85qC
DC Electrical Characteristics
Symbol VIH Parameter HIGH Level Input Voltage Conditions VCC (V) 1.65 - 1.95 2.3 - 2.7 2.7 - 3.6 VIL LOW Level Input Voltage 1.65 - 1.95 2.3 - 2.7 2.7 - 3.6 VOH HIGH Level Output Voltage IOH IOH IOH IOH Min 0.65 x VCC 1.7 2.0 0.35 x VCC 0.7 0.8 VCC - 0.2 1.2 2.0 1.7 2.2 2.4 2 0.2 0.45 0.4 0.7 0.4 0.55 V V V V Max Units
100 PA 4 mA 6 mA 12 mA
1.65 - 3.6 1.65 2.3 2.3 2.7 3.0
IOH VOL LOW Level Output Voltage IOL IOL IOL IOL IOL II IOZ ICC Input Leakage Current 3-STATE Output Leakage Quiescent Supply Current Increase in ICC per Input
24 mA
100 PA 4 mA 6 mA 12 mA 24 mA
3.0 1.65 - 3.6 1.65 2.3 2.3 2.7 3.0 3.6 3.6 0 3.6 3 - 3.6
0 d VI d 3.6V 0 d VO d 3.6V VI VIH VCC or GND, IO VCC 0.6V
r5.0 r10
40 750
PA PA PA PA
'ICC
www.fairchildsemi.com
4
74ALVC16244
AC Electrical Characteristics
TA Symbol Parameter VCC Min tPHL, tPLH tPZL, tPZH tPLZ, tPHZ Propagation Delay Output Enable Time Output Disable Time 1.3 1.3 1.3 CL 3.3V r 0.3V Max 3 4.0 4.0 50 pF VCC Min 1.5 1.5 1.5 2.7V Max 3.5 4.6 4.3 VCC Min 1.0 1.0 1.0
40qC to 85qC, RL
500: CL 2.5V r 0.2V Max 3.0 4.1 3.8 30 pF VCC Min 1.5 1.5 1.5 1.8V r 0.15V Max 6.0 8.2 6.8 ns ns ns Units
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter VI VI Outputs Enabled f Conditions 0V or VCC 0V or VCC 10 MHz, CL 0 pF TA VCC 3.3 3.3 3.3 2.5
25qC
Typical 6 7 20 20
Units pF pF pF
5
www.fairchildsemi.com
74ALVC16244
AC Loading and Waveforms
Table 1: Values for Figure 1 TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ SWITCH Open VL GND
FIGURE 1. AC Test Circuit Table 2: Variable Matrix (Input Characteristics: f = 1MHz; tr = tf = 2ns; Z0 = 50:) Symbol Vmi Vmo VX VY VL VCC 3.3V r 0.3V 1.5V 1.5V VOL 0.3V VOH 0.3V 6V 2.7V 1.5V 1.5V VOL 0.3V VOH 0.3V 6V 2.5V r 0.2V VCC/2 VCC/2 VOL 0.15V VOH 0.15V VCC*2 1.8V r 0.15V VCC/2 VCC/2 VOL 0.15V VOH 0.15V VCC*2
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
FIGURE 3. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
www.fairchildsemi.com
6
74ALVC16244
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide Package Number BGA54A
7
www.fairchildsemi.com
74ALVC16244 Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74ALVC16244MTDX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X